Part Number Hot Search : 
CM2039 LPV7215 2N5196 IRF45 KE39A G1251 2SK11 F9221
Product Description
Full Text Search
 

To Download PF000728 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.elektron-bulgin.com 85 iec connectors iec connectors iec connectors pf0006/28 pf0007/28 pf0016/10/28 en60 320-1 standard sheet c18 class ii cold condition (fused)  single fuse 5 x 20mm  two pin class ii (no earth pin)  2.8, 4.8 or 6.3mm tabs  10a, 250v a.c.  single fuse 5 x 20mm (fuse contacts isolated)  two pin class ii (no earth pin)  2.8, 4.8 or 6.3mm tabs  10a, 250v a.c.  single fuse 5 x 20mm  two pin class ii (no earth pin)  fits panel sizes 1.0, 1.5, 2.0 or 3.0mm  2.8, 4.8 or 6.3mm tabs  10a, 250v a.c. specification pf0006/term/col pf0007/term/col pf0016/panel/term/col fixing (panel): flange flange snap fit, /10 (1mm), /15 (1.5mm), /20 (2mm), /30 (3mm) terminations: /28 (2.8mm solder), /48 (4.8mm tab) /28 (2.8mm solder), /48 (4.8mm tab) /28 (2.8mm solder), /48 (4.8mm tab) /63 (6.3mm tab) /63 (6.3mm tab) /63 (6.3mm tab) colours: no suffix (black), /wh (white), /gy (grey) no suffix (black), /wh (white), /gy (grey) no suffix (black), /wh (white), /gy (grey) max. rating: 10a, 250v a.c. 10a, 250v a.c. 10a, 250v a.c. contact resistance: <10m ? (<15m ? including <10m ? <10m ? (<15m ? including fuseholder) fuseholder) insulation resistance: >10 3 m ? >10 3 m ? >10 3 m ? a.c. breakdown: pole-pole 5.5kv. poles-panel 4kv pole-pole 5.5kv. poles-panel 4kv pole-pole 5.5kv. poles-panel 4kv operating temp. range: C40?c to + 70?c C40?c to + 70?c C40?c to + 70?c max. pin temp.: + 70?c + 70?c + 70?c mouldings: nylon, flammability rating ul94v-0 nylon, flammability rating ul94v-0 nylon, flammability rating ul94v-0 contacts: brass: pins, nickel plated. tabs, tin brass: pins, nickel plated. tabs, tin brass: pins, nickel plated. tabs, tin plated plated plated approvals: accessories / notes: p.no. 11987 (see page 97) p.no. 11987 (see page 97) p.no. 11987 (see page 97) (note: fuse contacts isolated) mating connectors: compliant compliant compliant flange mount fused inlet flange mount fused inlet snap fit to panel fused inlet conns2 - in-outlets 2010:conns2 - in/outlets 2005v2 8/6/10 16:44 page 85


▲Up To Search▲   

 
Price & Availability of PF000728

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X